| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2430-RTR1-F64Z bảng dữ liệu(PDF) 200 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F64Z bảng dữ liệu(HTML) 200 Page - Texas Instruments |
|
200 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 200 of 232 14.34.8.28 ISTXON Function: Enable TX after calibration Description: The ISTXON instruction immediately enables TX after calibration. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: STXON_STRB Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 0 1 1 14.34.8.29 ISTXONCCA Function: Enable calibration and TX if CCA indicates a clear channel Description: The ISTXONCCA instruction immediately enables TX after calibration if CCA indicates a clear channel. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: STXONCCA Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 1 0 0 14.34.8.30 ISRFOFF Function: Disable RX/TX and frequency synthesizer. Description: The ISRFOFF instruction immediately disables RX/TX and frequency synthesizer. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: FFCTL_SRFOFF_STRB=1 Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 1 0 1 14.34.8.31 ISFLUSHRX Function: Flush RXFIFO buffer and reset demodulator Description: The ISFLUSHRX instruction immediately flushes the RXFIFO buffer and resets the demodulator. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SFLUSHRX Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 1 1 0 14.34.8.32 ISFLUSHTX Function: Flush TXFIFO buffer Description: The ISFLUSHTX instruction immediately flushes the TXFIFO buffer. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SFLUSHTX Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 1 1 1 |