| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2430-RTR1-F128Z bảng dữ liệu(PDF) 199 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F128Z bảng dữ liệu(HTML) 199 Page - Texas Instruments |
|
199 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 199 of 232 14.34.8.23 SACKPEND Function: Send acknowledge frame with pending field set Description: The SACKPEND instruction sends an acknowledge frame with pending field set. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SACKPEND Opcode: 7 6 5 4 3 2 1 0 1 1 0 0 1 0 0 1 14.34.8.24 ISSTOP Function: Stop program execution Description: The ISSTOP instruction stops the CSP program execution. The instruction memory is cleared, any loop start location set be the LABEL instruction is invalidated and the IRQ_CSP_STOP interrupt flag is asserted. Operation: Stop execution Opcode: 7 6 5 4 3 2 1 0 1 1 1 1 1 1 1 1 14.34.8.25 ISSTART Function: Start program execution Description: The ISSTART instruction starts the CSP program execution from first instruction written to instruction memory. Operation: PC := 0, start execution Opcode: 7 6 5 4 3 2 1 0 1 1 1 1 1 1 1 0 14.34.8.26 ISTXCALN Function: Enable and calibrate frequency synthesizer for TX. Note this instruction is for test purposes only (see section 14.20). Description: The ISTXCALN instruction immediately enables and calibrates frequency synthesizer for TX. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: STXCALN Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 0 0 1 14.34.8.27 ISRXON Function: Enable and calibrate frequency synthesizer for RX Description: The ISRXON instruction immediately enables and calibrates frequency synthesizer for RX. The instruction waits for the radio to acknowledge the command before executing the next instruction. Operation: SRXON Opcode: 7 6 5 4 3 2 1 0 1 1 1 0 0 0 1 0 |