| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW125RAM bảng dữ liệu(PDF) 53 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW125RAM bảng dữ liệu(HTML) 53 Page - Fuji Electric |
|
53 / 93 page ![]() 06/53 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Molded Case Circuit Breakers G-TWIN series Dimensions / Global n Dimensions, mm Front mounting, front connection BW50RAGU-2P BW50RAGU-3P Mounting hole Terminal cover (Short type) Trip button Panel drilling Front panel cutting Terminal section CL 84 4 8 60 51 ON 48.5 2.5 51 43 L C 24 L C 50 25 L C L C M4 or ø5 MCCB L C MCCB CL 50 or more R2 or less 8 8.3 M5 x 14 Mounting hole Terminal cover (Short type) Trip button Panel drilling Front panel cutting Terminal section L C CL 75 50 CL 84 4 8 60 51 ON 48.5 2.5 51 43 M4 or ø5 25 LC LC LC MCCB 74 or more R2 or less MCCB CL 8 8.3 M5 x 14 |