| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW50RAM bảng dữ liệu(PDF) 87 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM bảng dữ liệu(HTML) 87 Page - Fuji Electric |
|
87 / 93 page ![]() 06/87 06 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories • BW9F0HA Mounting screw M6 x 110 Operation section Drive section To operation section Panel drilling Handle Panel Panel Cable Release lever Lock lever Release screw OFF lock Concave for ON lock*2 28 or more RESET 60 45 80 ON 27 29 57 155 108 190 Protection cover Insulation barrier 171 140 57 44 M6 or ø7 13 2-ø7 R6.5 *1 • This product consists of a drive section and an operation section. • The operation section can be mounted either to the right or to the left on the panel depending on the mounting position of the release lever. • For the OFF lock, 3 ø10 padlocks can be mounted; for the ON lock, 2 ø10 padlocks. *1 Set the height to 20 or 30. Adjust the lock lever depending on the setting. *2 The ON lock can be realized by additionally creating a concave for the ON lock. MCCB * Handle type Cable Terminal cover Type Length (m) BW125JAGU-3P BW125RAGU-2P BW125RAGU-3P BW9F0CA BW9FWCA-15A BW9FWCA-20A BW9FWCA-30A 1.5 2.0 3.0 BW9FBTCA-L3 BW250EAGU-2P BW250EAGU-3P BW250JAGU-2P BW250JAGU-3P BW250RAGU-2P BW250RAGU-3P BW9F0GA BW9FWGA-15A BW9FWGA-20A BW9FWGA-30A 1.5 2.0 3.0 BW9FBTGA-L3 BW400EAGU-2P BW400EAGU-3P BW400SAGU-2P BW400SAGU-3P BW400RAGU-2P BW400RAGU-3P BW400HAGU-2P BW400HAGU-3P BW9F0HA BW9FWHA-15A BW9FWHA-20A BW9FWHA-30A 1.5 2.0 3.0 BW9FBTHA-L3 Note: * Not available for BW125JAGU-2P |