| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F103RCY6TR bảng dữ liệu(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RCY6TR bảng dữ liệu(HTML) 77 Page - STMicroelectronics |
|
77 / 143 page ![]() DS5792 Rev 13 77/143 STM32F103xC, STM32F103xD, STM32F103xE Electrical characteristics 135 PC Card/CompactFlash controller waveforms and timings Figure 32 through Figure 37 represent synchronous waveforms and Table 39 provides the corresponding timings. The results shown in this table are obtained with the following FSMC configuration: • COM.FSMC_SetupTime = 0x04; • COM.FSMC_WaitSetupTime = 0x07; • COM.FSMC_HoldSetupTime = 0x04; • COM.FSMC_HiZSetupTime = 0x00; • ATT.FSMC_SetupTime = 0x04; • ATT.FSMC_WaitSetupTime = 0x07; • ATT.FSMC_HoldSetupTime = 0x04; • ATT.FSMC_HiZSetupTime = 0x00; • IO.FSMC_SetupTime = 0x04; • IO.FSMC_WaitSetupTime = 0x07; • IO.FSMC_HoldSetupTime = 0x04; • IO.FSMC_HiZSetupTime = 0x00; • TCLRSetupTime = 0; • TARSetupTime = 0; Figure 32. PC Card/CompactFlash controller waveforms for common memory read access 1. FSMC_NCE4_2 remains high (inactive during 8-bit access. |