công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BW32SAM bảng dữ liệu(PDF) 64 Page - Fuji Electric

tên linh kiện BW32SAM
Giải thích chi tiết về linh kiện  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW32SAM bảng dữ liệu(HTML) 64 Page - Fuji Electric

Back Button BW32SAM Datasheet HTML 60Page - Fuji Electric BW32SAM Datasheet HTML 61Page - Fuji Electric BW32SAM Datasheet HTML 62Page - Fuji Electric BW32SAM Datasheet HTML 63Page - Fuji Electric BW32SAM Datasheet HTML 64Page - Fuji Electric BW32SAM Datasheet HTML 65Page - Fuji Electric BW32SAM Datasheet HTML 66Page - Fuji Electric BW32SAM Datasheet HTML 67Page - Fuji Electric BW32SAM Datasheet HTML 68Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
06/64
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Accessories
Auxiliary switch (Type W)
This switch is used for indicator lamp
or control circuit.
See page 06/69.
Alarm switch (Type K)
This switch can be connected to a
warning lamp or buzzer to indicate
when the breaker has been tripped.
See page 06/69.
Shunt trip device (Type F)
The purpose of this accessory is to trip
the breaker from a distance.
See page 06/70.
Undervoltage trip device (Type R)
The device is designed to protect circuits
from harmful voltage drops.
It can also be used for remote control
purposes. The trip operates when the
voltage drops to less than 70% of
nominal coil rating, and the breaker
cannot be reset until the voltage
recovers 85% of its normal rating.
See page 06/70.
Terminal block (Type A)
A wiring terminal for internal accessories
(Factory-mounted)
See page 06/71.
n
Variation of internal accessory
• 125 to 250AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com