công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC256M16EP-DI bảng dữ liệu(PDF) 88 Page - Nanya Technology Corporation.

tên linh kiện NT5CC256M16EP-DI
Giải thích chi tiết về linh kiện  Commercial and Industrial DDR3( L 4Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC256M16EP-DI bảng dữ liệu(HTML) 88 Page - Nanya Technology Corporation.

Back Button NT5CC256M16EP-DI Datasheet HTML 84Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 85Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 86Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 87Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 88Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 89Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 90Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 91Page - Nanya Technology Corporation. NT5CC256M16EP-DI Datasheet HTML 92Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 162 page
background image
Version 1.3
88
Nanya Technology Cooperation ©
11/2017
All Rights Reserved.
DDR3-4Gb E-Die
NT5CB(C)512M8EN/NT5CB(C)256M16EP
Absolute Maximum Ratings
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Unit
Note
VDD
Voltage on VDD pin relative to Vss
-0.4 V ~ 1.80 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4 V ~ 1.80 V
V
1,3
Vin, Vout
Voltage on any pin relative to Vss
-0.4 V ~ 1.80 V
V
1
Tstg
Storage Temperature
-55 ~ 150
C
1,2
Note:
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM.
3. VDD and VDDQ must be within 300mV of each other at all times; and Vref must be not greater than 0.6VDDQ, when VDD and
VDDQ are less than 500Mv; Vref may be equal to or less than 300mV.
Refresh parameters by device density
Parameter
Symbol
4Gb
Unit
REF command to ACT or REF command time
tRFC
260
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com