| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ULCD-144-G2-AR bảng dữ liệu(PDF) 4 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
ULCD-144-G2-AR bảng dữ liệu(HTML) 4 Page - 4D Systems Pty Ltd |
|
4 / 8 page ![]() 4D SYSTEMS uLCD-144-G2-AR © 2014 4D SYSTEMS Page 4 of 8 www.4dsystems.com.au 2. Advanced Hardware Options The display module (uLCD-144-G2) is a very capable and powerful piece of hardware, which can be reconfigured beyond the boundaries of the Arduino. With the use of the 4D Systems Workshop4 IDE Software, the display module can be configured and programmed independently of the Arduino environment. If a user wishes to investigate the capabilities of the uLCD-144-G2 and reconfigure the display module, please refer to the Datasheet for the uLCD-144-G2, available from the 4D systems website, www.4dsystems.com.au. The user can freely change back to the configuration the module was shipped in if desired, all via the Workshop4 IDE Software. To take advantage of the 4D Systems Workshop4 Software, a 4D Programming Cable is required, which can be purchased from the 4D Systems website, or from a 4D Systems distributor. The Workshop4 IDE enables the uLCD-144-G2 display module to be configured using 3 different environments. The Designer environment enables the user to write 4DGL code in its natural form to program the display module. A visual programming experience, suitably called ViSi, enables click-and-place type placement of objects to assist with 4DGL code generation and allows the user to visualise how the display will look while being developed. A Serial environment is also provided to transform the display module into a slave serial module, allowing the user to control the display from any host microcontroller or device with a serial port. Designer and ViSi allow the user to program and write their own protocol to communicate between the Arduino and the Display Module. The Serial environment loads an application (SPE) onto the display module which enables commands from the Arduino to communicate directly with the Goldelox Processor on the display module and get it to perform specific actions. 4D Systems has developed a library specifically for this environment also, which is available for download from the uLCD-144-G2-AR product page on the 4D Systems Website, www.4dsystems.com.au. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |