| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATO25D1GA-30EC bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ATO25D1GA-30EC bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 46 page ![]() 13/46 Sep.2013. Rev 0.5 1Gbit Serial NAND Flash Memory 4 Data Protection The environments where non-volatile memory devices are used can be very noisy. No SPI device can operate correctly in the presence of excessive noise. The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and ERASE operations. After power-up, the device is in the “locked” state, i.e., bits 3, 4, and 5 of the block lock register are set to 1. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be issued with the A0h feature address, including the data bits shown in Table 6.. The operation for the SET FEATURES command is shown in Figure 13 on page 25. When BRWD is set and WP is LOW, none of the writable bits (3, 4, 5, and 7) in the block lock register can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, a status of C0h is returned. When an ERASE command is issued to a locked block, the erase failure, 04h, is returned. When a PROGRAM command is issued to a locked block, program failure, 08h, is returned. Table 2. Protected area sizes BP2 BP1 BP0 Protected Rows 0 0 0 None-all unlocked 0 0 1 Upper 1/64 locked 0 1 0 Upper 1/32 locked 0 1 1 Upper 1/16 locked 1 0 0 Upper 1/8 locked 1 0 1 Upper 1/4 locked 1 1 0 Upper 1/2 locked 1 1 1 All locked (default) For example, if all the blocks need to be unlocked after power-up, the following sequence should be performed: 1. Issue SET FEATURES register write (1Fh) 2. Issue the feature address to unlock the block (A0h) 3. Issue 00h on data bits to unlock all blocks |