| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS343075 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS343075 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 42 page ![]() Magnetic Powder Cores ::: 10 09 ::: Chang Sung Corporation MAGNETIC POWDER CORES TECHNICAL DATA MAGNETIC POWDER CORES TECHNICAL DATA The inductance of a wound core at a given number of turns is calculated using the following formula. L L = inductance( μH) μ = core permeability N = number of turns A = effective cross section area(cm2) = mean magnetic path length(cm) LN = Inductance at N turns( μH) AL = nominal Inductance(nH/N2) N 2A 10-2 0.4 μ LN = = AL N 2 10 -3 Ampere’s Law Faraday’s Law Magnetic Design Formulas Inductance of a Wound Core Ampere’s Law and Faraday’s Law show the relations of permeability, flux density and magnetizing force of a wound core. H = magnetizing force(oersteds) N = number of turns l = peak magnetizing current(amperes) = mean magnetic path length(cm) Bmax = maximum flux density(gausses) Erms = voltage across coil(volts) f = frequency(hertz) Permeability - Flux Density - Magnetizing Force Inductor specification a) Formula to calculate L at 0Ampere LN = AL N2 10-3 The Nominal inductance table on page 7 shows the AL value of CM270125 to be 157. Therefore, L ( 0A) = 157 222 0.001 = 76 ( μH) b) Determine DC magnetizing force (H) by using Ampere’s law to achieve the roll off. H = 0.4 Nl / H = 0.4 3.14 22 10 / 6.35 = 43.5(Oe) The magnetizing force(dc bias) is 43.5 oersteds, yielding 64% of initial permeability. See on page 11. The inductance at 10Ampere will decrease the inductance by 64% compared with 0Ampere. Therefore, L( 10A) = 76 0.64 = 48.6 ( μH) Inductance calculation by AL vs Nl Curve is also available on page 24. solution - Core : CM270125 - Number of Windings : 22Turns - Current : DC 10Amperes Inductance Calculation by Permeability vs DC Bias Curves H Nl 0.4 Bmax = = Erms 10 8 4.44fAN μ B = H For toroidal powder cores, the effective area(A) is the same as the cross sectional area. By definition and Ampere’s Law, the effective magnetic path length is the ratio of ampere-turns(NI) to the average magnetizing force. Using Ampere’s Law and averaging the magnetizing force gives the formula for effective path length. Mean Magnetic Path Length (OD - ID) OD ID () = ln Q = quality factor = 2 frequency (hertz) L = inductance (henries) Rdc = DC winding resistance (ohms) Rac = resistance due to core loss (ohms) Rd = resistance due to winding dielectric loss (ohms) Q L = Rdc Rac Rd Powder cores have low hysteresis loss, minimizing signal distortion, and low residual loss. The total core loss at low flux densities is the sum of three frequency dependent losses of hysteresis loss, residual loss, and eddy current loss. The core loss is calculated from the following Legg’s equation. When a varying magnetic field passes through the core, eddy currents are induced in it. Joule heat loss by these currents is called eddy current loss. Hysteresis loss is due to the irreversible behavior in the hysteresis curve and equal to the enclosed area of the loop. The other core loss is called residual loss. Where Rac = core loss resistance (ohms) a = hysteresis loss coefficient c = residual loss coefficient e = eddy current loss coefficient , L, Bmax, f = same as mentioned before Eddy current loss Core Loss Residual loss Hysteresis loss Total loss factor Rac aBmaxf cf ef 2 L = OD = outside diameter of core (cm) ID = inside diameter of core (cm) A = core cross section (effective area) = mean magnetic path length (cm) The Q factor is defined as the ratio of reactance to the effective resistance for an inductor and thus indicates its quality. The Q of wound core can be calculated using the following formula, when neglecting the effects of self-resonance caused by the distributed capacitance resulting from the differential voltage between adjacent turns. Q Factor |