| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MN13802-RTA bảng dữ liệu(PDF) 19 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MN13802-RTA bảng dữ liệu(HTML) 19 Page - Panasonic Semiconductor |
|
19 / 20 page ![]() 19 Microcomputer Peripheral LSIs MN1380 Series Embossed Taping Specifications for Mini Type Package (MN1382/MN13821/MN13822) There is a choice of two orientations, TW and TX, for the product relative to the tape. Figure 15. TW Orientation Figure 16. TX Orientation Figure 17. Embossed Taping Dimensions for Mini Type Package Figure 18. Embossed Taping Reel Dimensions for Mini Type Package Unit: mm Unit: mm 3,000 packages per reel Product orientation A is labeled TW; orientation B, TX. A B ø1.5 +0.1 -0 4.0±0.1 3.2±0.1 4.0±0.1 t+0.3±0.1 ø21±0.8 10±1.5 2±0.5 TW Tape feed hole Drawing direction (Marking surface on top) TX Tape feed hole Drawing direction (Marking surface on top) |