| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM7232S bảng dữ liệu(PDF) 13 Page - AMtek SEMICONDUCTORS CO., LTD |
|
|
|||||||||||||||||||||||||||||
AM7232S bảng dữ liệu(HTML) 13 Page - AMtek SEMICONDUCTORS CO., LTD |
|
13 / 16 page ![]() AM7232S Motor Driver ICs http://www.amtek-semi.com OCT.. 2 20 01 13 3 V V1 1..0 0 Specifications subject to change without notice - 13 - Notes 1) Absolute maximum ratings This product is produced with strict quality control, but destroyed in using beyond absolute maximum ratings. Once IC destroyed, a failure mode cannot be defined (like short-mode or open-mode).Therefore, physical security counter measure, like fuse, is to be given when a specific mode to be beyond absolute maximum rating is considered. 2) Reverse connection of power supply Reverse connection of the power supply may break the device. A countermeasure is needed such as using reverse current protection diodes between the power supply and the VCC terminal. 3) Power supply line The BEMF causes re-circulate current to power supply, Please connect a capacitor between power supply and GND as a route of re-circulate current. And please determine the capacitance after confirmation that the capacitance does not causes any problems. 4) GND potential The GND terminal should be the location of the lowest voltage on the chip. 5) Thermal design The thermal design should allow enough margin for actual power dissipation. 6) Mounting failures Mounting failures, such as misdirection or miss-mounts, may destroy the device. The electrical short caused by falling particle, between outputs; power supply and output; or output and ground, may damage the device. 7) Layout guide <a> There are 2 Bars on AM7232S exposed pad, the advantage of these 2 bars is to detect if exposed pad is well mounted on PCB ground. <b> The PCB ground layout should be larger enough to cover exposed pad bar in order to detect exposed pad is well mounted on PCB. PLS refer to following drawing PCB Ground Layout should be larger to cover exposed pad bar. |