công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-EH32-R4000 bảng dữ liệu(PDF) 7 Page - Broadcom Corporation.

tên linh kiện HLMP-EH32-R4000
Giải thích chi tiết về linh kiện  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EH32-R4000 bảng dữ liệu(HTML) 7 Page - Broadcom Corporation.

Back Button HLMP-EH32-R4000 Datasheet HTML 3Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EH32-R4000 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Broadcom
AV02-0373EN
7
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Absolute Maximum Ratings at TA = 25°C
Parameter
Value
DC Forward Currenta,b,c
a. Derate linearly as shown in Figure 5.
b. For long-term performance with minimal light output degradation, drive currents between
10 mA and 30 mA are recommended. For more information on recommended drive
conditions, refer to Application Brief I-024.
c. Operating at currents below 1 mA is not recommended. Contact your local representative for
further information.
50 mA
Peak Pulsed Forward Currentb,c
100 mA
Average Forward Currentc
30 mA
Reverse Voltage (IR = 100 µA)
5V
LED Junction Temperature
130°C
Operating Temperature
–40°C to +100°C
Storage Temperature
–40°C to +100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18