| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D306 bảng dữ liệu(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D306 bảng dữ liệu(HTML) 25 Page - Microchip Technology |
|
25 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 25 PIC24FJ256GA705 FAMILY RA0 2 27 19 21 I/O DIG/ST PORTA Digital I/Os RA1 3 28 20 22 I/O DIG/ST RA2 9 6 30 33 I/O DIG/ST RA3 10 7 31 34 I/O DIG/ST RA4 12 9 34 37 I/O DIG/ST RA7 — — 13 14 I/O DIG/ST RA8 — — 32 35 I/O DIG/ST RA9 — — 35 38 I/O DIG/ST RA10 — — 12 13 I/O DIG/ST RA11 — — — 8 I/O DIG/ST RA12 — — — 20 I/O DIG/ST RA13 — — — 32 I/O DIG/ST RA14 — — — 44 I/O DIG/ST RB0 4 1 21 23 I/O DIG/ST PORTB Digital I/Os RB1 5 2 22 24 I/O DIG/ST RB2 6 3 23 25 I/O DIG/ST RB3 7 4 24 26 I/O DIG/ST RB4 11 8 33 36 I/O DIG/ST RB5 14 11 41 45 I/O DIG/ST RB6 15 12 42 46 I/O DIG/ST RB7 16 13 43 47 I/O DIG/ST RB8 17 14 44 48 I/O DIG/ST RB9 18 15 1 1 I/O DIG/ST RB10 21 18 8 9 I/O DIG/ST RB11 22 19 9 10 I/O DIG/ST RB12 23 20 10 11 I/O DIG/ST RB13 24 21 11 12 I/O DIG/ST RB14 25 22 14 15 I/O DIG/ST RB15 26 23 15 16 I/O DIG/ST RC0 — — 25 27 I/O DIG/ST PORTC Digital I/Os RC1 — — 26 28 I/O DIG/ST RC2 — — 27 29 I/O DIG/ST RC3 — — 36 39 I/O DIG/ST RC4 — — 37 40 I/O DIG/ST RC5 — — 38 41 I/O DIG/ST RC6 — — 2 2 I/O DIG/ST RC7 — — 3 3 I/O DIG/ST RC8 — — 4 4 I/O DIG/ST RC9 — — 5 5 I/O DIG/ST TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |