| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM2908 bảng dữ liệu(PDF) 10 Page - AMtek SEMICONDUCTORS CO., LTD |
|
|
|||||||||||||||||||||||||||||
AM2908 bảng dữ liệu(HTML) 10 Page - AMtek SEMICONDUCTORS CO., LTD |
|
10 / 13 page ![]() AM2908 Motor Driver ICs AMtek semiconductors July. 2020 V0.2 - 10 - How to predict Tj in the environment of the actual PCB Step 1 : Used the simulated Ψjt value listed above. Step 2 : Measure Tt value by using Thermocouple Method We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The bead and thermocouples wires should touch the top of the package and be covered with a minimal amount of thermally conductive epoxy. The wires should be heat-insulated to prevent cooling of the bead due to heat loss into wires. This is important towards preventing “too cool” Tt measurements, which would lead to the calculated Tj also being too cool. IR Spot Method An IR Spot method should be utilized only when using a tool with a small enough spot area to acquire the true top center “hot spot”. Many so-called “small spot size” tools still have a measurement area of 0~100+mils at “zero” distance of the tool from the surface. This spot area is too big for many smaller packages and likely would result in cooler readings than the small thermocouple method. Consequently, to match between spot area and package surface size is important while measuring Tt with IR sport method. Step 3 : calculating power dissipation by P ≅ (VCC–|Vo_Hi – Vo_Lo|) x Iout + VCC x Icc Step 4 : Estimate Tj value by Tj= Ψjt x P+Tt Step 5 : Calculated Θja value of actual PCB by the known Tj Θja(actual) = (Tj-Ta)/P |