công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DVR30 bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện DVR30
Giải thích chi tiết về linh kiện  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR30 bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button DVR30 Datasheet HTML 21Page - Microchip Technology DVR30 Datasheet HTML 22Page - Microchip Technology DVR30 Datasheet HTML 23Page - Microchip Technology DVR30 Datasheet HTML 24Page - Microchip Technology DVR30 Datasheet HTML 25Page - Microchip Technology DVR30 Datasheet HTML 26Page - Microchip Technology DVR30 Datasheet HTML 27Page - Microchip Technology DVR30 Datasheet HTML 28Page - Microchip Technology DVR30 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 25
PIC24FJ256GA705 FAMILY
RA0
2
27
19
21
I/O
DIG/ST PORTA Digital I/Os
RA1
3
28
20
22
I/O
DIG/ST
RA2
9
6
30
33
I/O
DIG/ST
RA3
10
7
31
34
I/O
DIG/ST
RA4
12
9
34
37
I/O
DIG/ST
RA7
—
—
13
14
I/O
DIG/ST
RA8
—
—
32
35
I/O
DIG/ST
RA9
—
—
35
38
I/O
DIG/ST
RA10
—
—
12
13
I/O
DIG/ST
RA11
—
—
—
8
I/O
DIG/ST
RA12
—
—
—
20
I/O
DIG/ST
RA13
—
—
—
32
I/O
DIG/ST
RA14
—
—
—
44
I/O
DIG/ST
RB0
4
1
21
23
I/O
DIG/ST PORTB Digital I/Os
RB1
5
2
22
24
I/O
DIG/ST
RB2
6
3
23
25
I/O
DIG/ST
RB3
7
4
24
26
I/O
DIG/ST
RB4
11
8
33
36
I/O
DIG/ST
RB5
14
11
41
45
I/O
DIG/ST
RB6
15
12
42
46
I/O
DIG/ST
RB7
16
13
43
47
I/O
DIG/ST
RB8
17
14
44
48
I/O
DIG/ST
RB9
18
15
1
1
I/O
DIG/ST
RB10
21
18
8
9
I/O
DIG/ST
RB11
22
19
9
10
I/O
DIG/ST
RB12
23
20
10
11
I/O
DIG/ST
RB13
24
21
11
12
I/O
DIG/ST
RB14
25
22
14
15
I/O
DIG/ST
RB15
26
23
15
16
I/O
DIG/ST
RC0
—
—
25
27
I/O
DIG/ST PORTC Digital I/Os
RC1
—
—
26
28
I/O
DIG/ST
RC2
—
—
27
29
I/O
DIG/ST
RC3
—
—
36
39
I/O
DIG/ST
RC4
—
—
37
40
I/O
DIG/ST
RC5
—
—
38
41
I/O
DIG/ST
RC6
—
—
2
2
I/O
DIG/ST
RC7
—
—
3
3
I/O
DIG/ST
RC8
—
—
4
4
I/O
DIG/ST
RC9
—
—
5
5
I/O
DIG/ST
TABLE 1-3:
PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
28-Pin SOIC,
SSOP, SPDIP
28-Pin QFN,
UQFN
44-Pin
TQFP
48-Pin
UQFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C = I2C/SMBus input buffer
DIG = Digital input/output
XCVR = Dedicated Transceiver