công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DC60 bảng dữ liệu(PDF) 78 Page - Microchip Technology

tên linh kiện DC60
Giải thích chi tiết về linh kiện  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DC60 bảng dữ liệu(HTML) 78 Page - Microchip Technology

Back Button DC60 Datasheet HTML 74Page - Microchip Technology DC60 Datasheet HTML 75Page - Microchip Technology DC60 Datasheet HTML 76Page - Microchip Technology DC60 Datasheet HTML 77Page - Microchip Technology DC60 Datasheet HTML 78Page - Microchip Technology DC60 Datasheet HTML 79Page - Microchip Technology DC60 Datasheet HTML 80Page - Microchip Technology DC60 Datasheet HTML 81Page - Microchip Technology DC60 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 78
 2016-2018 Microchip Technology Inc.
EXAMPLE 6-3:
PROGRAMMING A DOUBLE WORD OF FLASH PROGRAM MEMORY
(‘C’ LANGUAGE CODE)
// C example using MPLAB XC16
unsigned
long progAddr = 0xXXXXXX;
// Address of word to program
unsigned
int
progData1L = 0xXXXX;
// Data to program lower word of word 1
unsigned
char progData1H = 0xXX;
// Data to program upper byte of word 1
unsigned
int
progData2L = 0xXXXX;
// Data to program lower word
of word 2
unsigned
char progData2H = 0xXX;
// Data to program upper byte of word 2
//Set up NVMCON for word programming
NVMCON = 0x4001;
// Initialize NVMCON
TBLPAG = 0xFA;
// Point TBLPAG to the write latches
//Set up pointer to the first memory location to be written
NVMADRU = progAddr>>16;
// Initialize PM Page Boundary SFR
NVMADR
= progAddr & 0xFFFF;
// Initialize lower word of address
//Perform TBLWT instructions to write latches
__builtin_tblwtl(0, progData1L);
// Write word 1 to address low word
__builtin_tblwth(0, progData1H);
// Write word 1 to upper byte
__builtin_tblwtl(1, progData2L);
// Write word 2 to address low word
__builtin_tblwth(1, progData2H);
// Write word 2 to upper byte
asm(“DISI #5”);
// Block interrupts with priority <7 for next 5
// instructions
__builtin_write_NVM();
// XC16 function to perform unlock sequence and set WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More