| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DC50A bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC50A bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 26 2016-2018 Microchip Technology Inc. RP0 4 1 21 23 I/O DIG/ST Remappable Peripherals (input or output) RP1 5 2 22 24 I/O DIG/ST RP2 6 3 23 25 I/O DIG/ST RP3 7 4 24 26 I/O DIG/ST RP4 11 8 33 36 I/O DIG/ST RP5 14 11 41 45 I/O DIG/ST RP6 15 12 42 46 I/O DIG/ST RP7 16 13 43 47 I/O DIG/ST RP8 17 14 44 48 I/O DIG/ST RP9 18 15 1 1 I/O DIG/ST RP10 21 18 8 9 I/O DIG/ST RP11 22 19 9 10 I/O DIG/ST RP12 23 20 10 11 I/O DIG/ST RP13 24 21 11 12 I/O DIG/ST RP14 25 22 14 15 I/O DIG/ST RP15 26 23 15 16 I/O DIG/ST RP16 — — 25 27 I/O DIG/ST RP17 — — 26 28 I/O DIG/ST RP18 — — 27 29 I/O DIG/ST RP19 — — 36 39 I/O DIG/ST RP20 — — 37 40 I/O DIG/ST RP21 — — 38 41 I/O DIG/ST RP22 — — 2 2 I/O DIG/ST RP23 — — 3 3 I/O DIG/ST RP24 — — 4 4 I/O DIG/ST RP25 — — 5 5 I/O DIG/ST RP26 2 27 19 21 I/O DIG/ST RP27 3 28 20 22 I/O DIG/ST RP28 — — 12 13 I/O DIG/ST RPI29 — — — 8 I DIG/ST Remappable Peripherals (input only) RPI30 — — — 20 I DIG/ST RPI31 — — — 32 I DIG/ST RPI32 — — — 44 I DIG/ST TABLE 1-3: PIC24FJ256GA705 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 28-Pin SOIC, SSOP, SPDIP 28-Pin QFN, UQFN 44-Pin TQFP 48-Pin UQFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C = I2C/SMBus input buffer DIG = Digital input/output XCVR = Dedicated Transceiver |