công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8601 bảng dữ liệu(PDF) 2 Page - Pulse A Technitrol Company

tên linh kiện VSC8601
Giải thích chi tiết về linh kiện  LAN DISCRETE TRANSFORMER MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

VSC8601 bảng dữ liệu(HTML) 2 Page - Pulse A Technitrol Company

  VSC8601 Datasheet HTML 1Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 2Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 3Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 4Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 5Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 6Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 7Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 8Page - Pulse A Technitrol Company VSC8601 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
28
www.pulseeng.com
G003.U (2/07)
RJ45 FILTERED CONNECTORS
PulseJack
TM Filtered Connectors
Pulse offers a broad selection of PulseJack filtered connectors that integrate network magnetics with combinations of RJ45 and USB
connectors. In addition to connectivity, these filtered connectors provide signal conditioning, signal isolation and EMI suppression.
Designed to meet IEEE 802.3, the PulseJack connectors offer a complete family of single- and multi-port solutions in high-speed
applications, including 10/100/1000BASE-T, PoE and other emerging applications. For RoHS compliant products, please refer to the
individual data sheets for details.
NOTE: This catalog section serves as an overview to the LAN PulseJack filtered connectors. For detailed data sheets and a complete
list of PulseJack filtered connectors, please go to this URL:
http://www.pulseeng.com/products/datasheets.aspx.
For the readers convenience and to locate multiple platforms easily, view the IC Cross References starting on page 29.
Number of Ports
One Port
1 by 2, 4, 6, 8
2 by 2, 4, 6, 8
One RJ45/dual USB
Locking Tab Up/Down
Down
Up
Down
Up
N/A
Up
PCB Mounting Type
THT
SMT
THT
SMT
THT
THT
THT
Data Rate 10/100TX 10/100TX 10/100TX
Gigabit
10/100TX 10/100TX
Gigabit
10/100TX
Gigabit
10/100TX
Gigabit
Data Sheet
J403
J409
J402
J411
J409
J404
J410
J401
J405
J408
J408
Number
J414
J415 (PoE)
J416 (PoE)
J422
LAN FILTERED CONNECTORS
LAN Filtered Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12