| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OM8373 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OM8373 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 108 page ![]() 2004 Jan 15 21 Philips Semiconductors Tentative Device Specification TV signal processor-Closed Caption decoder with embedded µ-Controller OM8373; OM8378 CHAR SPACE<2:0> Horizontal spacing between characters: 000 - No space. 001 - 1 pixel space. 010 - 2 pixel space. 011 - 3 pixel space. 100 - 4 pixel space. 101 to 111 - Reserved. WDT WDV<7> WDV<6> WDV<5> WDV<4> WDV<3> WDV<2> WDV<1> WDV<0> 00H WDV<7:0> Watch Dog Timer period. WDTKEY WKEY<7> WKEY<6> WKEY<5> WKEY<4> WKEY<3> WKEY<2> WKEY<1> WKEY<0> 00H WKEY<7:0> Watch Dog Timer Key. Note: Must be set to 55H to disable Watch dog timer when active. XRAMP XRAMP<7> XRAMP<6> XRAMP<5> XRAMP<4> XRAMP<3> XRAMP<2> XRAMP<1> XRAMP<0> 00H XRAMP<7:0> Internal RAM access upper byte address. Names BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 RESET Table 2 SFR Bit description |