| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP2721 bảng dữ liệu(PDF) 3 Page - Injoinic Technology Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IP2721 bảng dữ liệu(HTML) 3 Page - Injoinic Technology Co.,Ltd. |
|
3 / 7 page ![]() IP2721 V1.02 http://www.injoinic.com/ 3 / 7 Copyright © 2017, Injoinic Corp. 6. IP Series Products List USB Charging Port Control IC IC Part No. Cha nnel Standards supported Package BC1.2 & APPLE QC3.0 & QC2.0 FCP SCP AFC SFCP MTK PE+ 2.0&1.1 TypeC NTC PD2.0/ PD3.0/PPS Package Compati bility IP2110 1 √ - - - - - - - - - SOT23-5 IP2111 IP2111A 1 √ - - - - - - - - - SOT23-6 IP2112 IP2112A 2 √ - - - - - - - - - SOT23-6 IP2161 1 √ √ √ - √ √ - - - - SOT23-6 IP2163 1 √ √ √ - √ √ √ - √ - SOP8 IP2183 1 √ √ √ √ √ √ √ - - - SOP8 IP2701 1 √ √ √ - √ √ - √ - - SOP8 IP2703 1 √ √ √ - √ √ √ √ √ - DFN10 IP2705 1 √ √ √ - √ √ √ √ √ - DFN12 IP2707 2 √ √ √ - √ √ √ √ √ - QFN16 IP2712 1 √ √ √ √ - - 1.1 √ - √ TSSOP20L IP2716 1 √ √ √ √ √ - 1.1 √ - √ QFN32 IP2723 1 √ √ √ √ √ √ √ √ - √ TSSOP16 IP2721 1 - - - - - - - - - √ SINK TSSOP16 7. Absolute Maximum Ratings Parameters Symbol Value Unit VIN input voltage range VIN -0.3 ~ 30 V CC1,CC2 input voltage range VCC1,VCC2 -0.3 ~ 30 V Other pins voltage range -0.3 ~ 10 V Junction temperature range TJ -40 ~ 150 ℃ Storage temperature Tstg -60 ~ 150 ℃ Lead temperature (Soldering, 10sec.) Ts 260 ℃ Ambient temperature range TA -40~120 ℃ |