| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESP32-C3 bảng dữ liệu(PDF) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-C3 bảng dữ liệu(HTML) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
29 / 44 page ![]() 3 Functional Description Interface Signal Pin Function SPI0/1 SPICLK_out_mux SPICLK Support Standard SPI, Dual SPI, Quad SPI, and QPI that allow connection to external flash SPICS0_out SPICS0 SPICS1_out Any GPIO pins SPID_in/_out SPID SPIQ_in/_out SPIQ SPIWP_in/_out SPIWP SPIHD_in/_out SPIHD SPI2 FSPICLK_in/_out_mux Any GPIO pins • Master mode and slave mode of SPI, Dual SPI, Quad SPI, and QPI • Connection to external flash, RAM, and other SPI devices • Four modes of SPI transfer format • Configurable SPI frequency • 64-byte FIFO or GDMA buffer FSPICS0_in/_out FSPICS1 ~5_out FSPID_in/_out FSPIQ_in/_out FSPIWP_in/_out FSPIHD_in/_out USB Serial/JTAG USB_D+ GPIO19 USB-to-serial converter, and USB-to-JTAG converter USB_D- GPIO18 TWAI twai_rx Any GPIO pins Compatible with ISO 11898-1 protocol twai_tx twai_bus_off_on twai_clkout Espressif Systems 29 Submit Documentation Feedback ESP32-C3 Series Datasheet v1.1 |