| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESP-PROG bảng dữ liệu(PDF) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP-PROG bảng dữ liệu(HTML) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
4 / 6 page ![]() JTAG Interface The design for the JTAG interface on the user board should follow the reference provided in the figure below. Fool-proof Design The ESP-Prog board uses header connectors (DC3-6P / DC3-10P) which support reverse- current circuitry protection. In such cases, it is recommended that users also use header connectors on their user boards, such as FTSH-105-01-S-DV-* or DC3-*P. Note: The flat cables used here are directional. Please use the cables provided by Espressif. 3.2.3. Automatic Downloading Function ESP-Prog supports automatic downloading. After connecting the Program interface of ESP-Prog to the user board, the downloading program can download data or run programs automatically by controlling the states of the start-mode selection pin (ESPIO0) and reset pin (ESPEN), which spares the users from manually restarting the device and selecting the downloading modes. The two buttons on the ESP-Prog board enable users to reset and control the boot mode of the device manually. The schematics of the automatic downloading circuit is displayed below. |