| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZX2 bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
ZX2 bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 15 page ![]() ZX2 7 Engineering Data (Reference Value) Angle Characteristic The angle characteristic is a plot of the inclination of the sensing object in the measurement range and the maximum value of the error to analog output. Note: SUS304 = Stainless steel SUS304 ZX2-LD50 Side-to-side Inclination Front-to-back Inclination ZX2-LD50L Side-to-side Inclination Front-to-back Inclination ZX2-LD100 Side-to-side Inclination Front-to-back Inclination ZX2-LD100L Side-to-side Inclination Front-to-back Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination 1.0 0.8 0.6 0.4 0.2 0 −0.2 −0.4 −0.6 −0.8 −1.0 0 −10 −20 −30 −40 −50 10 20 30 40 50 White ceramic SUS304, mirror finish Black rubber Angle of Inclination (°) + Inclination - Inclination |