công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CHIP_ID bảng dữ liệu(PDF) 24 Page - Omron Electronics LLC

tên linh kiện CHIP_ID
Giải thích chi tiết về linh kiện  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CHIP_ID bảng dữ liệu(HTML) 24 Page - Omron Electronics LLC

Back Button CHIP_ID Datasheet HTML 16Page - Omron Electronics LLC CHIP_ID Datasheet HTML 17Page - Omron Electronics LLC CHIP_ID Datasheet HTML 18Page - Omron Electronics LLC CHIP_ID Datasheet HTML 19Page - Omron Electronics LLC CHIP_ID Datasheet HTML 20Page - Omron Electronics LLC CHIP_ID Datasheet HTML 21Page - Omron Electronics LLC CHIP_ID Datasheet HTML 22Page - Omron Electronics LLC CHIP_ID Datasheet HTML 23Page - Omron Electronics LLC CHIP_ID Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
24
Copyright 2017 OMRON Corporation. All Rights Reserved.
6)
In addition to the applications listed from (a) to (d) above, Omron products are not intended for use in automo-
tive applications (including two wheel vehicles). Please do NOT use Omron products for automotive applica-
tions. Please contact Omron sales staff for products for automotive use.
(4) Warranty Terms and Conditions
The terms and conditions for warranty of Omron products are as follows:
1)
Warranty period: One year after the purchase.
2)
Coverage: Omron will provide free replacement of the malfunctioning Omron products with the same number
of replacement/alternative products
3)
Exceptions: Omron will not cover Omron products under its warranty if the cause of the malfunction falls un-
der any of the following.
(a)
Usage in a manner other than the original intended use for the Omron product.
(b) Usage outside of the usage conditions.
(c)
Cause which could not have been foreseen with the level of science and technology at the time of ship-
ping from Omron.
(d) Causes originating from other than Omron or Omron products (including force majeure such as but not
limited to natural disasters).
(5) Limitation of Liability
The warranty set out in these Terms and Conditions is the whole and sole liability for Omron products. There are
no other warranties, expressed or implied. Omron and the distributors of Omron products are not liable for any
damages which may arise from or be related to Omron products.
(6) Export Controls
Customers of Omron products shall comply with all applicable laws and regulations of other relevant countries
with regard to security export control, when exporting Omron products and/or technical documents or providing
such products and/or documents to a non-resident.
Omron may not provide customers with Omron products
and/or technical documents should they fail to comply with such laws and regulations.
(Intentionally left blank)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24