công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZMID4200 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp

tên linh kiện ZMID4200
Giải thích chi tiết về linh kiện  Inductive Position Sensor IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMID4200 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp

Back Button ZMID4200 Datasheet HTML 17Page - Renesas Technology Corp ZMID4200 Datasheet HTML 18Page - Renesas Technology Corp ZMID4200 Datasheet HTML 19Page - Renesas Technology Corp ZMID4200 Datasheet HTML 20Page - Renesas Technology Corp ZMID4200 Datasheet HTML 21Page - Renesas Technology Corp ZMID4200 Datasheet HTML 22Page - Renesas Technology Corp ZMID4200 Datasheet HTML 23Page - Renesas Technology Corp ZMID4200 Datasheet HTML 24Page - Renesas Technology Corp ZMID4200 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ZMID4200 Datasheet
Rev.1.0
Aug 19, 2021
Page 21
Figure 18. Example Setup: Linear Motion
Figure 19. Example Setup: Arc Motion
Figure 20. Example Setup: End-of-Shaft Rotation,
1 × 360
Figure 21. Example Setup: Through-Shaft Rotation,
2 × 180
Figure 22. Example Setup: Through-Shaft Rotation,
1 × 360
Figure 23. Example Setup: Side-Shaft Rotation,
6 × 60
One of the key advantages of inductive position sensors is the flexibility to adapt the coil design to the needs of
any given application. They can be designed for rotary, arc, or linear motion and in addition, the movement range
can be adjusted. This way, the maximum resolution can be achieved, even for applications having only a small
range of travel. Table 15 shows examples for calculating the effective resolution (movement range for 1 LSB or
step), depending on coil design and output configuration.
Table 15. Examples of Resolution Differences Depending on Configuration
Range of Travel for Example Application
Resolution of Measurement
Analog and PWM Output
(1024 Steps per Phase)
SENT Output
(4096 Steps per Phase)
Linear Position Sensing Range of Travel =
Coil Length Minus Target Length
(See the example in Figure 18)
(Range of Travel)/1024
(Range of Travel)/4096
Arc Position Sensing Range of Travel =
Coil Arc Angle Minus Target Angle (Width of Target)
(See the example in Figure 19)
(Range of Travel)/1024
(Range of Travel)/4096
Arc Position Sensing Range of Travel = 1
 130
130
/1024 = 0.127
130
/4096 = 0.0317
1
 360 (See the examples in Figure 20 and Figure 22)
0.35
/Step
0.088
/Step
2
 180 (See the example in Figure 21)
0.18
/Step
0.044
/Step
6
 60 (See the example in Figure 23)
0.059
/Step
0.015
/Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com