| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
04022F104F4U2A bảng dữ liệu(PDF) 3 Page - Kyocera Kinseki Corpotation |
|
|
|||||||||||||||||||||||||||||
04022F104F4U2A bảng dữ liệu(HTML) 3 Page - Kyocera Kinseki Corpotation |
|
3 / 5 page ![]() 56 Automotive MLCC-NP0 Capacitance Range Letter A C E G J K M N P Q X Y Z Max. Thickness 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED Case Size 0402 0603 0805 1206 1210 Length (L) mm (in.) 1.00 ± 0.10 (0.040 ± 0.004) 1.60 ± 0.15 (0.063 ± 0.006) 2.01 ± 0.20 0.079 ± 0.008 3.20 ± 0.20 (0.126 ± 0.008) 3.20 ± 0.20 (0.126 ± 0.008) Width (W) mm (in.) 0.50 ± 0.10 (0.020 ± 0.004) 0.81 ± 0.15 (0.032 ± 0.006) 1.25 ± 0.20 (0.049 ± 0.008) 1.60 ± 0.20 (0.063 ± 0.008) 2.50 ± 0.20 (0.098 ± 0.008) Terminal (t) mm (in.) 0.25 ± 0.15 (0.010 ± 0.006) 0.35 ± 0.15 (0.014 ± 0.006) 0.50 ± 0.25 (0.020 ± 0.010) 0.50 ± 0.25 (0.020 ± 0.010) 0.50 ± 0.25 (0.020 ± 0.010) CAP CAP Code 25 50 100 25 50 100 200 250 25 50 100 200 250 500 630 25 50 100 200 250 500 630 1000 50 100 200 250 500 630 1000 0.5 0R5 C C C G G G G G J J J J J J J J J J J J J Q Q J J J J J J J 1 1R0 C C C G G G G G J J J J J J J J J J J J J Q Q J J J J J J J 5 5R0 C C C G G G G G J J J J J J J J J J J J J Q Q J J J J J J J 10 100 C C C G G G G G J J J J J J J J J J J J J Q Q J J J J J J J 12 120 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 15 150 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 18 180 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 22 220 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 27 270 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 33 330 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 39 390 C C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 47 470 C C G G G G G J J J J J J J J J J J Q Q J J J J J J J 56 560 C C G G G G J J J J N J J J J J J Q Q J J J J J J J 68 680 C C G G G G J J J J N J J J J J J Q Q J J J J J J J 82 820 C C G G G G J J J J N J J J J J J Q Q N N N N N N N 100 101 C C G G G G J J J J N J J J J J J Q Q N N N N N N N 120 121 G G G J J J J N J J J J J J Q Q N N N P P P X 150 151 G G G J J J J N J J J J J J Q Q N N N P P P X 180 181 G G G J J J J N J J J J J J Q Q N N N P P P X 220 221 G G G J J J J N J J J J J J Q Q N N N P P P X 270 271 G G G J J J J N J J J J J J Q N N N P P P X 330 331 G G G J J J J N J J J J J J Q N N N P P P X 390 391 G G G J J J J J J J J J J Q N N N P P P X 430 431 G G J J J J J J J J J J Q N N N P P P X 470 471 G G J J J J J J J J J J Q N N N P P P X 560 561 G G J J J J J J J M Q Q N N N P P P 680 681 G G J J J J J J J M Q Q N N N P P P 1,000 102 G G J J J J J J J M Q Q N N N P P X 1,200 122 G G J J N N N N N N N P P 1,500 152 G G J J N N N N N N N P P 2,200 222 G J J M M M M M M M N N N P K K 2,700 272 G M M M M M M M K K 3,300 332 G M M M M M M M K K 3,900 392 G M M M M M M M M M 4,700 472 G P P P P P P P M M 5,600 562 G M M 6,800 682 G N N 8,200 822 G P P 10,000 103 G X X X 12,000 123 X 15,000 153 X 18,000 183 X 22,000 223 X 27,000 273 X 33,000 333 X 39,000 393 47,000 473 56,000 563 68,000 683 82,000 823 100,000 104 CAP CAP Code 25 50 100 25 50 100 200 250 25 50 100 200 250 500 630 25 50 100 200 250 500 630 1000 50 100 200 250 500 630 1000 Case Size 0402 0603 0805 1206 1210 TDS-SMDMLCC-0005 | Rev 1 – surface mount ceramic capacitor products – The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order. |