| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM2432...ALX bảng dữ liệu(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM2432...ALX bảng dữ liệu(HTML) 60 Page - Texas Instruments |
|
60 / 280 page ![]() Table 6-1. Pin Attributes (ALV, ALX Packages) (continued) ALV Ball Number [1] ALX Ball Number [1] Ball Name [2]/ PadConfig Register [15]/ Address [16] Signal Name [3] Mux Mode [4] Type [5] DSIS [6] Mux Mode After Reset [9] Ball State During Reset [7] Ball State After Reset [8] IO Voltage [10] Power Domain [11] Hys [12] Pull Type [13] Buffer Type [14] G15 E16 VPP VPP PWR A1, A21, A5, A6, AA1, AA15, AA18, AA21, C10, C15, C3, D1, E11, E13, F10, F15, F8, G1, G16, G3, G7, G9, H11, H20, H21, H6, H8, J14, J7, J9, K6, K8, L1, L16, L3, L7, L9, M10, M12, M6, M8, N11, N13, N15, N7, N9, P1, P10, P18, P6, P8, R12, R7, R9, T10, T11, T15, T16, T8, U3, V17, W10, W18, Y14, Y17, Y19 A1, A2, A20, A21, AA1, AA2, AA20, AA21, B1, B21, D10, D16, D17, E11, E13, E6, F17, F8, G16, H16, H6, H7, J11, J16, J5, J6, K16, K6, K7, K8, L10, L11, L12, M15, M16, M7, N11, N13, N6, P11, P15, P16, P7, R11, R6, T14, U6, Y1, Y21 VSS VSS GND AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 60 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |