công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6421 bảng dữ liệu(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM6421
Giải thích chi tiết về linh kiện  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM6421 bảng dữ liệu(HTML) 91 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 87Page - Texas Instruments AM6421 Datasheet HTML 88Page - Texas Instruments AM6421 Datasheet HTML 89Page - Texas Instruments AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments AM6421 Datasheet HTML 93Page - Texas Instruments AM6421 Datasheet HTML 94Page - Texas Instruments AM6421 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 244 page
background image
6.3.23.2 MCU Domain
Table 6-69. MCU_TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer
instance)
D8
MCU_TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single timer
instance)
E8
MCU_TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B8
MCU_TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B9
6.3.24 UART
6.3.24.1 MAIN Domain
Table 6-70. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
B16
UART0_DCDn
I
UART Data Carrier Detect (active low)
C17
UART0_DSRn
I
UART Data Set Ready (active low)
D17
UART0_DTRn
O
UART Data Terminal Ready (active low)
A17
UART0_RIn
I
UART Ring Indicator
B17
UART0_RTSn
O
UART Request to Send (active low)
A16
UART0_RXD
I
UART Receive Data
D15
UART0_TXD
O
UART Transmit Data
C16
Table 6-71. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
D16
UART1_RTSn
O
UART Request to Send (active low)
E16
UART1_RXD
I
UART Receive Data
E15
UART1_TXD
O
UART Transmit Data
E14
Table 6-72. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
L20, V19, Y1
UART2_RTSn
O
UART Request to Send (active low)
J19, T18, U2
UART2_RXD
I
UART Receive Data
B16, K18, T20,
V1, W6
UART2_TXD
O
UART Transmit Data
A16, K19, R4,
U21
Table 6-73. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
D19, T17, V2
UART3_RTSn
O
UART Request to Send (active low)
C20, R3, U19
UART3_RXD
I
UART Receive Data
AA5, D16, L21,
U20, W1
UART3_TXD
O
UART Transmit Data
AA2, E16, K21,
U18
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com