công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFL bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFL
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFL bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp

Back Button R5F51116ADFL Datasheet HTML 26Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 27Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 28Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 29Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 30Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 31Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 32Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 33Page - Renesas Technology Corp R5F51116ADFL Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 30 of 127
May 31, 2016
RX111 Group
3. Address Space
Figure 3.1
Memory Map
Reserved area*
3
Reserved area*
3
Reserved area*
3
On-chip ROM (E2 DataFlash)
(8 KB)
Reserved area*
3
Single-chip mode*
1
RAM*
2
On-chip ROM (program ROM)*
2
Peripheral I/O registers
Peripheral I/O registers
Peripheral I/O registers
0000 0000h
0001 0000h
0008 0000h
0010 0000h
0010 2000h
007F C000h
007F C500h
007F FC00h
0080 0000h
FFF8 0000h
FFFF FFFFh
Note 1.
The address space in boot mode is the same as the address space in single-chip mode.
Note 2.
The capacity of ROM/RAM differs depending on the products.
Note:See Table 1.3, List of Products, for the product type name.
Note 3. Reserved areas should not be accessed.
ROM (bytes)
RAM (bytes)
Capacity
Address
Capacity
Address
512 K
FFF8 0000h to FFFF FFFFh
64 K
0000 0000h to 0000 FFFFh
384 K
FFFA 0000h to FFFF FFFFh
256 K
FFFC 0000h to FFFF FFFFh
32 K
0000 0000h to 0000 7FFFh
128 K
FFFE 0000h to FFFF FFFFh
96 K
FFFE 8000h to FFFF FFFFh
16 K
0000 0000h to 0000 3FFFh
64 K
FFFF 0000h to FFFF FFFFh
32 K
FFFF 8000h to FFFF FFFFh
10 K
0000 0000h to 0000 27FFh
16 K
FFFF C000h to FFFF FFFFh
8 K
0000 0000h to 0000 1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com