| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/A bảng dữ liệu(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A bảng dữ liệu(HTML) 48 Page - Renesas Technology Corp |
|
48 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 48 of 83 Jul 28, 2022 2.5 ADC Interface Figure 2.6 shows a block diagram of the ADC interface. When the RZ/Five is used, the pin location is different from the RZ/G2UL, so option resistors are required. The 6-pin connector is implemented on this board and 2ch input channels can be used as the analog signal. NOTE ADC_TRG is only available when SD0 is used for eMMC memory (not when microSD card is used). Figure 2.6 Block Diagram of ADC I/F RZ/G2UL, RZ/A3UL, RZ/Five RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |