| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G2UL bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2UL bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 46 of 83 Jul 28, 2022 2.4 Gigabit Ethernet Interface Figure 2.4 and Figure 2.5 show a block diagram of Gigabit Ethernet0 and Ethernet1 interface. The Gigabit Ethernet Interface is controlled by the Ethernet controller (E-MAC) hat conforms to the definition of the MAC (Media Access Control) layer that is with built-in to the RZ/G2UL. The Ethernet clock is sourced from a clock generator connected to the Ethernet PHY. This interface complies with IEEE802.3 PHY RGMII. Figure 2.4 Block Diagram of Gigabit Ethernet0 I/F ET0_TXC/TX_CLK ET0_TX_CTL/TX_EN ET0_TXD0 ET0_TXD1 ET0_TXD2 ET0_TXD3 ET0_RXC/RX_CLK ET0_RX_CTL/RX_DV ET0_RXD0 ET0_RXD1 ET0_RXD2 ET0_RXD3 ET0_MDC ET0_MDIO 11 RZ/G2UL, RZ/A3UL, RZ/Five ET0_LINKSTA RZ/G2UL, RZ/A3UL, RZ/Five SLG7RN45356 IO12 IO7 IO13 9 16 15 ET0_LINKSTA GBE0_LINK_LED GBE0_LINK100# GBE0_LINK1000# SLG7RN45315 IO2 IO4 6 4 GBE0_LINK_ACT# SLG7RN45315 IO9 IO0 2 12 ET0_INT# RZ_IRQ2_ET0_INT# P5_1 RZ/G2UL, RZ/A3UL, RZ/Five Level Shifter IN RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |