công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AIS25BATR bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AIS25BATR
Giải thích chi tiết về linh kiện  Ultralow noise, wide bandwidth, 3-axis accelerometer with TDM interface for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS25BATR bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AIS25BATR Datasheet HTML 11Page - STMicroelectronics AIS25BATR Datasheet HTML 12Page - STMicroelectronics AIS25BATR Datasheet HTML 13Page - STMicroelectronics AIS25BATR Datasheet HTML 14Page - STMicroelectronics AIS25BATR Datasheet HTML 15Page - STMicroelectronics AIS25BATR Datasheet HTML 16Page - STMicroelectronics AIS25BATR Datasheet HTML 17Page - STMicroelectronics AIS25BATR Datasheet HTML 18Page - STMicroelectronics AIS25BATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
5.2
I²C interface details
The transaction on the bus is started through a start signal. A start condition is defined as a high to low transition
on the data line while the SCL line is held high (refer to the ST condition in the following paragraph). After this
signal has been transmitted by the master, the bus is considered busy. The next byte of data transmitted after
the start condition contains the address of the slave in the first 7 bits and the eighth bit tells whether the master
is receiving data from the slave or transmitting data to the slave (SAD subsequences). When an address is sent,
each device in the system compares the first seven bits after a start condition with its address. If they match, the
device considers itself addressed by the master. The address can be made up of a programmable part and a
fixed part, thus allowing more than one device of the same type to be connected to the I²C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period
of the acknowledge clock pulse (SAK subsequence). A receiver that has been addressed must generate an
acknowledge after each byte of data has been received. The I²C embedded inside the AIS25BA behaves like
a slave device and the following protocol must be adhered to. After the start condition (ST) a slave address is
sent, once a slave acknowledge has been returned (SAK), an 8-bit subaddress is transmitted (SUB): the 7 LSB
represent the actual register address while the MSB enables address auto-increment. If the MSB of the SUB
field is 1, the SUB (register address) is automatically incremented to allow multiple data read/write at increasing
addresses. Otherwise, if the MSB of the SUB field is 0, the SUB remains unchanged and multiple read/write on
the same address can be performed. If the LSB of the slave address is 1 (read), a repeated start (SR) condition
must be issued after the subaddress byte; if the LSB is 0 (write) the master transmits to the slave with direction
unchanged.
5.3
I²C slave address
The slave address is equal to 001100yx (TDM mode, where y = not(I2C_A0 pin)) or in case of writing or reading
respectively.
5.4
I²C read and write sequences
Previous subsequences are used for the actual write and read sequences described in the tables below.
Table 13. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 14. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 15. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 16. Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number of bytes transferred
per transfer is unlimited. Data is transferred with the most significant bit (MSB) first. If a slave receiver doesn’t
acknowledge the slave address (that is, it is not able to receive because it is performing some real-time function)
the data line must be left high by the slave. The master can then abort the transfer. A low to high transition on the
SDA line while the SCL line is high is defined as a stop condition (SP). Each data transfer must be terminated by
the generation of a stop condition.
AIS25BA
I²C interface details
DS14019 - Rev 1
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com