| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F56604CDFP bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56604CDFP bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 123 page ![]() RX660 Group 1. Overview R01DS0393EJ0100 Rev.1.00 Page 13 of 123 Mar 18, 2022 Note 1. Products with this part number support only CAN 2.0 protocol. RX660 (G-version) R5F56604AGFB PLQP0144KA-B 512 K 128 K 32 K Not available Not available Available*1 –40 to +105 R5F56604BGFB PLQP0144KA-B 512 K 128 K 32 K Not available Not available Available –40 to +105 R5F56604CGFB PLQP0144KA-B 512 K 128 K 32 K Not available Available Available*1 –40 to +105 R5F56604DGFB PLQP0144KA-B 512 K 128 K 32 K Not available Available Available –40 to +105 R5F56604EGFB PLQP0144KA-B 512 K 128 K 32 K Available Not available Available*1 –40 to +105 R5F56604FGFB PLQP0144KA-B 512 K 128 K 32 K Available Not available Available –40 to +105 R5F56604GGFB PLQP0144KA-B 512 K 128 K 32 K Available Available Available*1 –40 to +105 R5F56604HGFB PLQP0144KA-B 512 K 128 K 32 K Available Available Available –40 to +105 R5F56604AGFP PLQP0100KB-B 512 K 128 K 32 K Not available Not available Available*1 –40 to +105 R5F56604BGFP PLQP0100KB-B 512 K 128 K 32 K Not available Not available Available –40 to +105 R5F56604CGFP PLQP0100KB-B 512 K 128 K 32 K Not available Available Available*1 –40 to +105 R5F56604DGFP PLQP0100KB-B 512 K 128 K 32 K Not available Available Available –40 to +105 R5F56604EGFP PLQP0100KB-B 512 K 128 K 32 K Available Not available Available*1 –40 to +105 R5F56604FGFP PLQP0100KB-B 512 K 128 K 32 K Available Not available Available –40 to +105 R5F56604GGFP PLQP0100KB-B 512 K 128 K 32 K Available Available Available*1 –40 to +105 R5F56604HGFP PLQP0100KB-B 512 K 128 K 32 K Available Available Available –40 to +105 R5F56604AGFN PLQP0080KB-B 512 K 128 K 32 K Not available Not available Available*1 –40 to +105 R5F56604BGFN PLQP0080KB-B 512 K 128 K 32 K Not available Not available Available –40 to +105 R5F56604CGFN PLQP0080KB-B 512 K 128 K 32 K Not available Available Available*1 –40 to +105 R5F56604DGFN PLQP0080KB-B 512 K 128 K 32 K Not available Available Available –40 to +105 R5F56604AGFM PLQP0064KB-C 512 K 128 K 32 K Not available Not available Available*1 –40 to +105 R5F56604BGFM PLQP0064KB-C 512 K 128 K 32 K Not available Not available Available –40 to +105 R5F56604CGFM PLQP0064KB-C 512 K 128 K 32 K Not available Available Available*1 –40 to +105 R5F56604DGFM PLQP0064KB-C 512 K 128 K 32 K Not available Available Available –40 to +105 R5F56604AGFL PLQP0048KB-B 512 K 128 K 32 K Not available Not available Available*1 –40 to +105 R5F56604BGFL PLQP0048KB-B 512 K 128 K 32 K Not available Not available Available –40 to +105 Table 1.3 List of Products (3/3) Group Part No. Package Code Flash Memory Capacity (byte(s)) RAM Capacity (byte(s)) Data Flash Memory Capacity (byte(s)) JTAG Sub-clock oscillator CANFD Operating temperature (°C) |