công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1847372 bảng dữ liệu(PDF) 3 Page - PHOENIX CONTACT

tên linh kiện 1847372
Giải thích chi tiết về linh kiện  PCB connector - MC 1,5/ 4-STF-5,08
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1847372 bảng dữ liệu(HTML) 3 Page - PHOENIX CONTACT

  1847372 Datasheet HTML 1Page - PHOENIX CONTACT 1847372 Datasheet HTML 2Page - PHOENIX CONTACT 1847372 Datasheet HTML 3Page - PHOENIX CONTACT 1847372 Datasheet HTML 4Page - PHOENIX CONTACT 1847372 Datasheet HTML 5Page - PHOENIX CONTACT 1847372 Datasheet HTML 6Page - PHOENIX CONTACT 1847372 Datasheet HTML 7Page - PHOENIX CONTACT 1847372 Datasheet HTML 8Page - PHOENIX CONTACT 1847372 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
    2 conductors with same cross section, solid
    0.08 mm² ... 0.5 mm²
    2 conductors with same cross section, flexible
    0.08 mm² ... 0.75 mm²
    2 conductors with same cross section, flexible, with ferrule
    without plastic sleeve
    0.25 mm² ... 0.34 mm²
    2 conductors with the same cross section, flexible, with TWIN
    ferrule with plastic sleeve
    0.5 mm² ... 0.5 mm²
    Cylindrical gauge a x b / diameter
    2.4 mm x 1.5 mm / 1.6 mm
    Stripping length
    7 mm
    Torque
    0.22 Nm ... 0.25 Nm
    Material specifications
    Material data - contact
    Note
    WEEE/RoHS-compliant, free of whiskers according to IEC
    60068-2-82/JEDEC JESD 201
    Contact material
    Cu alloy
    Surface characteristics
    hot-dip tin-plated
    Metal surface terminal point (top layer)
    Tin (4 - 8 µm Sn)
    Metal surface contact area (top layer)
    Tin (4 - 8 µm Sn)
    Material data - housing
    Housing color
    green (6021)
    Insulating material
    PA
    Insulating material group
    I
    CTI according to IEC 60112
    600
    Flammability rating according to UL 94
    V0
    Glow wire flammability index GWFI according to EN 60695-2-12
    850
    Glow wire ignition temperature GWIT according to EN 60695-2-
    13
    775
    Temperature for the ball pressure test according to EN 60695-
    10-2
    125 °C
    Dimensions
    Dimensional drawing
    Pitch
    5.08 mm
    Width [w]
    29.48 mm
    Height [h]
    11.1 mm
    Length [l]
    15.5 mm
    Installed height
    11.1 mm
    Mounting
    Drive form screw head
    Slotted (L)
    PCB connector - MC 1,5/ 4-STF-5,08
    1847372
    https://www.phoenixcontact.com/us/products/1847372
    Jul 21, 2022, 7:38 AM
    Page 3 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com