| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RO58 bảng dữ liệu(PDF) 23 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
RO58 bảng dữ liệu(HTML) 23 Page - Infineon Technologies AG |
|
23 / 41 page ![]() User Manual 23 of 41 Revision 1.4 2019-10-11 EVAL-M3-CM615PN User Manual iMOTION™ Modular Application Design Kit Hardware description of EVAL-M3-CM615PN The high side resistors R23 and R24 for the DC bus sensing resistor divider on the controller board EVAL-M3- CM615PN are 2000kΩ, and should be configured in MCEWizard as shown in Figure 20. For the low side resistor value, please refer to the User Manual of the corresponding control board. Figure 20 DC bus sensing configuration in MCEWizard 5.2.2 Motor External Current feedback configuration and calculation The current input value is product of the shunt resistance in milliohms and gain of External current sense amplifier for EVAL-M3-102T as shown in Figure 21. Figure 21 Current shunt feedback and sample timing for EVAL-M3-102T The External Amplifier Gain circuit can be found in the schematics or User Manual for the control board (For example, EVAL-M3-102T see Figure 22). Figure 22 depicts IU+ current feedback sensing circuity on EVAL-M3-102T evaluation board. Please note that the default external amplification gain is less than 1 for current sense in this evaluation board. |