công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CYUSB3014-BZXC bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG

tên linh kiện CYUSB3014-BZXC
Giải thích chi tiết về linh kiện  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB3014-BZXC bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG

Back Button CYUSB3014-BZXC Datasheet HTML 9Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 10Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 11Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 12Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 13Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 14Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 15Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 16Page - Infineon Technologies AG CYUSB3014-BZXC Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Datasheet
13
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
CPU
5CPU
FX3 has an on-chip 32-bit, 200-MHz ARM926EJ-S core CPU. The core has direct access to 16 KB of instruction
tightly coupled memory (TCM) and 8 KB of Data TCM. The ARM926EJ-S core provides a JTAG interface for
firmware debugging.
FX3 offers the following advantages:
• Integrates 256/512 KB of embedded SRAM for code and data and 8 KB of instruction cache and data cache.
• Implements efficient and flexible DMA connectivity between the various peripherals (such as, USB, GPIF II, I2S,
SPI, UART, I2C), requiring firmware only to configure data accesses between peripherals, which are then
managed by the DMA fabric.
• Allows easy application development using industry-standard development tools for ARM926EJ-S.
Examples of the FX3 firmware are available with the Infineon EZ-USB FX3 Development Kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com