công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS40 bảng dữ liệu(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

tên linh kiện BAS40
Giải thích chi tiết về linh kiện  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Trang chủ  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

BAS40 bảng dữ liệu(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  BAS40 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. BAS40 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40 --- BAS40-06
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 40 V
CURRENT: 0.2 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.diode.co.kr 1.
SAMYANG ELECTRONICS
SAM YANG
Ratings at
ambient temperature unless otherwise specified.
25 °C
SOT 23
-
Dimensions in inches and (millimeters)
0 037 0 95
.
( .
)
0 055 1 40
.
( .
)
0 0005 0 013
.
( .
)
0 004 0 100
.
( .
)
0 087 2 2
.
( . )
0 118 3 0
.
( . )
0 047 1 20
.
( .
)
0 065 1 65
.
( .
)
0 083 2 70
.
( .
)
0 106 3 10
.
( .
)
0 014 0 35
.
( .
)
0 020 0 50
.
( .
)
0 003
.
( . )
0 08
0 007 0 19
.
( .
)
0 07 1 78
.
( .
)
0 08 2 04
.
( .
)
0 035 0 89
.
( .
)
0 040 1 02
.
( .
)
W
m
0
1
3
g
n
u
t
s
i
e
lt
s
u
lr
e
V
–
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
40 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
g
1
0
.
0
.
a
c
t
h
c
i
w
e
G
–
.
x
o
r
p
p
a
t
h
g
i
e
W
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
per diode / pro Diode
BAS40-series
Power dissipation – Verlustleistung 1
P
)
tot
310 mW 2)
Max. average forward current (dc)
Dauergrenzstrom
IFAV
200 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
300 mA 2)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
IFSM
0.6 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
40 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Forward voltage 3)
Durchlass-Spannung 3)
IF = 1 mA
IF = 10 mA
IF = 40 mA
VF
VF
VF
< 380 mV
< 500 mV
< 1.00 V
Leakage current
Sperrstrom
VR = 30 V
VR = 40 V
IR
IR
< 200 nA
< 10 µA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
5 pF
Reverse recovery time – Sperrverzug
IF = 10 mA über/through IR = 10 mA bis/to IR = 1 mA
trr
< 5 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 400 K/W 2)


Số phần tương tự - BAS40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Mô tả tương tự - BAS40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com