công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F5671CDGLK bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện R5F5671CDGLK
Giải thích chi tiết về linh kiện  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGLK bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button R5F5671CDGLK Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDGLK Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 6 of 178
Apr 15, 2022
Timers
Compare match timer
(CMT)
• (16 bits × 2 channels) × 2 units
• Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128,
PCLKB/512)
• Event linking by the ELC
Compare match timer W
(CMTW)
• (32 bits × 1 channel) × 2 units
• Compare-match, input-capture input, and output-comparison output are available.
• Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128,
PCLKB/512)
• Interrupt requests can be output in response to compare-match, input-capture, and
output-comparison events.
• Event linking by the ELC
Watchdog timer (WDTA)
• 14 bits × 1 channel
• Select from among 6 counter-input clock signals (PCLKB/4, PCLKB/64, PCLKB/128,
PCLKB/512, PCLKB/2048, PCLKB/8192)
Independent watchdog
timer (IWDTa)
• 14 bits × 1 channel
• Counter-input clock: IWDT-dedicated on-chip oscillator
• Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256
• Window function: The positions where the window starts and ends are specifiable (the
window defines the timing with which refreshing is enabled and disabled).
• Event linking by the ELC
Multifunction timer pulse
unit (MTU3a)
• 9 channels (16 bits × 8 channels, 32 bits × 1 channel)
• Maximum of 28 pulse-input/output and 3 pulse-input possible
• Select from among 14 counter-input clock signals for each channel (PCLKA/1, PCLKA/
2, PCLKA/4, PCLKA/8, PCLKA/16, PCLK/A32, PCLKA/64, PCLKA/256, PCLKA/1024,
MTCLKA, MTCLKB, MTCLKC, MTCLKD, MTIOC1A)
14 of the signals are available for channel 0, 11 are available for channels 1, 3, 4, 6 to 8,
12 are available for channel 2, and 10 are available for channel 5.
• Input capture function
• 39 output compare/input capture registers
• Counter clear operation (synchronous clearing by compare match/input capture)
• Simultaneous writing to multiple timer counters (TCNT)
• Simultaneous register input/output by synchronous counter operation
• Buffered operation
• Support for cascade-connected operation
• 43 interrupt sources
• Automatic transfer of register data
• Pulse output mode
Toggle/PWM/complementary PWM/reset-synchronized PWM
• Complementary PWM output mode
Outputs non-overlapping waveforms for controlling 3-phase inverters
Automatic specification of dead times
PWM duty cycle: Selectable as any value from 0% to 100%
Delay can be applied to requests for A/D conversion.
Non-generation of interrupt requests at peak or trough values of counters can be
selected.
Double buffer configuration
• Reset synchronous PWM mode
Three phases of positive and negative PWM waveforms can be output with desired duty
cycles.
• Phase-counting mode: 16-bit mode (channels 1 and 2); 32-bit mode (channels 1 and 2)
• Counter functionality for dead-time compensation
• Generation of triggers for A/D converter conversion
• A/D converter start triggers can be skipped
• Digital filter function for signals on the input capture and external counter clock pins
• PPG output trigger can be generated
• Event linking by the ELC
Port output enable 3
(POE3a)
• Control of the high-impedance state of the MTU waveform output pins
• 5 pins for input from signal sources: POE0#, POE4#, POE8#, POE10#, POE11#
• Initiation on detection of short-circuited outputs (detection of simultaneous PWM output
to the active level)
• Initiation by oscillation-stoppage detection or software
• Additional programming of output control target pins is enabled
Table 1.1
Outline of Specifications (5/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com