| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZMOD4450AI3R bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZMOD4450AI3R bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 22 page ![]() ZMOD4450 Datasheet © 2021 Renesas Electronics Corporation 12 June 30, 2021 Figure 4. Typical Solder Profile 9. Test and Calibration As a unique feature, all sampled gas sensor modules are fully tested by Renesas during the final test. The final test parameters in Table 8 are applied for each ZMOD4450. All sensor modules are pre-stabilized in the final test although the user may see a small change in the module’s raw signal during an initial warm-up phase during the first operation. The gas sensor module qualification is based on JEDEC (JESD47) and its subsequent standard (JESD22, JESD78, etc.); it has been tested for a lifetime of 10 years. Renesas has proven a MOx lifetime of over 15 years in actual continuous operation in conditions without exposure to stressful environments. Table 8. Final Test Parameters Test Test Object Parameters Test Results Saved in NVM? Electrical ASIC Voltages, current consumption, frequencies, scan pattern No Electrical Module Calibration conditions, tracking ID, resistances Yes Gas Module Sensitivity parameters (slope and intercept) at stimulation with different gas concentrations Yes Gas Module Pre-stabilization No |