| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7FA6T2AB3CFL bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CFL bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp |
|
64 / 93 page ![]() Table 2.41 PGA characteristics in single mode (2 of 2) Parameter Symbol Min Typ Max Unit Test conditions Output voltage range*1 PGAOUT0 (G = 2.000) 0.100 × AVCC0 — 0.900 × AVCC0 V PGAOUT1 (G = 2.500) 0.118 × AVCC0 — 0.900 × AVCC0 V PGAOUT2 (G = 2.667) 0.123 × AVCC0 — 0.899 × AVCC0 V PGAOUT3 (G = 2.857) 0.131 × AVCC0 — 0.914 × AVCC0 V PGAOUT4 (G = 3.077) 0.138 × AVCC0 — 0.898 × AVCC0 V PGAOUT5 (G = 3.333) 0.147 × AVCC0 — 0.883 × AVCC0 V PGAOUT6 (G = 3.636) 0.153 × AVCC0 — 0.898 × AVCC0 V PGAOUT7 (G = 4.000) 0.160 × AVCC0 — 0.848 × AVCC0 V PGAOUT8 (G = 4.444) 0.160 × AVCC0 — 0.849 × AVCC0 V PGAOUT9 (G = 5.000) 0.165 × AVCC0 — 0.850 × AVCC0 V PGAOUT10 (G = 5.714) 0.177 × AVCC0 — 0.846 × AVCC0 V PGAOUT11 (G = 6.667) 0.193 × AVCC0 — 0.847 × AVCC0 V PGAOUT12 (G = 8.000) 0.216 × AVCC0 — 0.720 × AVCC0 V PGAOUT13 (G = 10.000) 0.250 × AVCC0 — 0.800 × AVCC0 V PGAOUT14 (G = 13.333) 0.307 × AVCC0 — 0.800 × AVCC0 V Gain error Gerr0 (G = 2.000) -1.0 — 1.0 % Gerr1 (G = 2.500) -1.0 — 1.0 % Gerr2 (G = 2.667) -1.0 — 1.0 % Gerr3 (G = 2.857) -1.0 — 1.0 % Gerr4 (G = 3.007) -1.0 — 1.0 % Gerr5 (G = 3.333) -1.5 — 1.5 % Gerr6 (G = 3.636) -1.5 — 1.5 % Gerr7 (G = 4.000) -1.5 — 1.5 % Gerr8 (G = 4.444) -2.0 — 2.0 % Gerr9 (G = 5.000) -2.0 — 2.0 % Gerr10 (G = 5.714) -2.0 — 2.0 % Gerr11 (G = 6.667) -2.0 — 2.0 % Gerr12 (G = 8.000) -2.0 — 2.0 % Gerr13 (G = 10.000) -2.0 — 2.0 % Gerr14 (G = 13.333) -2.0 — 2.0 % Operation stabilization time tstart — — 5 µs Note 1. Calculate with the following formula. (n = 0 to 14) PGAOUTn = AINn × G Actual output range includes gain error. PGAOUTn = (AINn × G ) × (Gerr + 100%) Table 2.42 PGA characteristics in differential mode (1 of 2) Parameter Symbol Min Typ Max Unit Test conditions Offset error Voff -20 — 20 mV PGAVSS input voltage range PGAVSS -0.5 — 0.3 V RA6T2 Datasheet 2. Electrical Characteristics R01DS0400EJ0120 Rev.1.20 Mar 31, 2022 Page 64 of 93 |