| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5671CDDFB bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 178 page ![]() RX671 Group 1. Overview R01DS0373EJ0110 Rev.1.10 Page 18 of 178 Apr 15, 2022 1.3 Block Diagram Figure 1.2 shows a block diagram. Figure 1.2 Block Diagram BSC Clock generation circuit RX CPU ROM RAM DTC DMAC × 8ch ICU MPU EXDMAC SDHI RSPI × 3ch CAN × 2ch USB × 2 ports RIIC × 3ch SCIh × 1ch SCIm × 2ch SCIk × 10ch RTC IWDT WDT CMTW × 2ch CMT × 4ch TMR × 2ch (unit 1) TMR × 2ch (unit 0) TPU × 6ch POE3 MTU × 9ch DOC CAC Trusted Secure IP RIICHS RSPIA REMC CTSU CRC RSCI × 2ch PPG × 2ch ELC Standby RAM Data Flash Temperature sensor 12-bit A/D converter × 12 channels (unit 1) 12-bit A/D converter × 8 channels (unit 0) ROM cache QSPIX Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 Port 6 Port 7 Port 8 Port 9 Port A Port B Port C Port D Port E Port F Port H Port J SSIE ICU: Interrupt controller DTC Data transfer controller DMAC: DMA controller EXDMAC: EXDMA controller BSC: Bus controller CAC: Clock frequency accuracy measurement circuit CRC: CRC (cyclic redundancy check) calculator DOC: Data operation circuit ELC: Event link controller SCIk, SCIh, SCIm, RSCI: Serial communications interface RSPI, RSPIA: Serial peripheral interface RIIC, RIICHS: I2C bus interface USB: USB2.0 FS host/function module CAN: CAN module MTU: Multi-function timer pulse unit 3 POE3: Port output enable 3 TPU: 16-bit timer pulse unit PPG: Programmable pulse generator TMR: 8-bit timer CMT: Compare match timer CMTW: Compare match timer W WDT: Watchdog timer IWDT: Independent watchdog timer RTC: Realtime clock SDHI: SD host interface QSPIX: Quad-SPI memory interface SSIE: Serial sound interface CTSU: Capacitive touch sensing unit REMC: Remote control signal receiver Trusted Secure IP: Encryption engine Note: Available functions depend on the product. |