công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 35Page - Texas Instruments TUSB2E11 Datasheet HTML 36Page - Texas Instruments TUSB2E11 Datasheet HTML 37Page - Texas Instruments TUSB2E11 Datasheet HTML 38Page - Texas Instruments TUSB2E11 Datasheet HTML 39Page - Texas Instruments TUSB2E11 Datasheet HTML 40Page - Texas Instruments TUSB2E11 Datasheet HTML 41Page - Texas Instruments TUSB2E11 Datasheet HTML 42Page - Texas Instruments TUSB2E11 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Table 10-11. E_RX_ADJUST_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
RH/W
0h
Reserved
6-4
E_SQUELCH_THRESHO
LD_P1
RH/W
6h
0h = 104 mV (typical)
1h = 101 mV (typical)
2h = 98 mV (typical)
3h = 90 mV (typical)
4h = 81 mV (typical) (B0 OTP default)
5h = 73 mV (typical)
6h = 67 mV (typical) (B1 OTP default)
7h = 60 mV (typical)
3-0
E_EQ_P1
RH/W
0h
0h = 0.34 dB (typical) (default)
1h = 0.71 dB (typical)
2h = 1.02 dB (typical)
3h = 1.36 dB (typical)
4h = 1.64 dB (typical)
5h = 1.94 dB (typical)
6h = 2.19 dB (typical)
7h = 2.45 dB (typical)
8h = 2.69 dB (typical)
9h = 2.93 dB (typical)
Ah = 3.13 dB (typical)
Bh = 3.35 dB (typical)
Ch = 3.53 dB (typical)
Dh = 3.72 dB (typical)
Eh = 3.89 dB (typical)
Fh = 4.07 dB (typical)
10.1.10 UART_PORT1 Register (Offset = 50h) [Reset = 02h]
UART_PORT1 is shown in Table 10-12.
Return to the Summary Table.
Table 10-12. UART_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
R/W
0h
Reserved
4
uart_cross_P1
R/W
0h
Select whether plus and minus pins are crossed between USB 2.0
and eUSB2 during UART mode
0h = if UART mode is enabled, pair eD+ with D+ and eD- with D-
1h = if UART mode is enabled, pair eD+ with D- and eD- with D+
3
UART_use_bit1_P1
R/W
0h
Select whether UART enable select is set by register bit 1 or not
0h = bit 1 ignored. UART mode enabled by GPIO0
1h = bit 1 (UART_en_by_reg_not_pin_P1) enabled
2
UART_dir_not_Carkit_P1
R/W
0h
Set UART mode, direction, low for Carkit and high for opposite
0h = UART mode uses Carkit directions, D+ to eUSB2 and eD- to
USB 2.0
1h = UART mode directions are opposite of Carkit, D- to eUSB2 and
eD+ to USB 2.0
1
UART_en_by_reg_not_pin
_P1
R/W
1h
Select whether Carkit UART mode is enabled by register or by
GPIO0 pin
0h = select GPIO0 pin to enable UART mode
1h = select UART_mode_en_P1 register to enable UART mode
0
UART_mode_en_P1
R/W
0h
If GPIO0 is not selected to enable Carkit UART mode, this register
will enable it.
0h = disable UART mode between eUSB2 and USB 2.0 pins
1h = enable UART mode between eUSB2 and USB 2.0 pins
10.1.11 REV_ID Register (Offset = B0h) [Reset = 02h]
REV_ID is shown in Table 10-13.
www.ti.com
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com