công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

451 bảng dữ liệu(PDF) 3 Page - 3M Electronics

tên linh kiện 451
Giải thích chi tiết về linh kiện  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

451 bảng dữ liệu(HTML) 3 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
3 of 9
4.2 Materials
Socket insulation: Glass filled PBT, 94V-0
Cover insulation: Glass filled PBT, 94V-0
Strain relief: Stainless Steel
Socket contact: BeCu
Header insulation: Glass filled LCP, 94V-0
Header pin: Phosphor Bronze
4.3 Finishes
Plating: (socket and header)
Nickel: 50-150 µ inches , ASTM B689-97, SAE AMS-QQ-N-290
Gold options: 0.76 µm (30 µ inches min), ASTM B488-01 Class C
Flash, ASTM B488-01 Class C
Matte Sn: Soldertail 200-400µ"
4.3 Cable Accommodation
General Accommodation:
30 AWG, 0.025" pitch, stranded or solid conductor, flat cable, PVC, TPE, FEP, PO insulation
3M™ Ribbon Cables:
3M™ Round Conductor Flat Cable, 3754 Series: PVC, round stranded conductor
3M™ Round Conductor Flat Cable, 3447 Series: PVC, round solid conductor
3M™ Round Conductor Flat Cable, 3756 Series: TPE, round stranded conductor
3M™ Round Conductor Flat Cable, 3749 Series: TPE, round solid conductor
3M™ Round Conductor Flat Cable, 3609 Series: FEP, round stranded conductor
3M™ Round Conductor Flat Cable, 3604 Series: FEP, round solid conductor
3M™ Round Conductor Flat Cable, HF447 Series: PO, Halogen Free, round solid conductor
3M™ Round Conductor Flat, Controlled Impedance Cable, 7700 Series: PO, shielded, round solid conductor
4.5
For regulatory information about this product, visit 3M.com/regs or contact your 3M representative.
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9