công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM9101F bảng dữ liệu(PDF) 33 Page - List of Unclassifed Manufacturers

tên linh kiện DM9101F
Giải thích chi tiết về linh kiện  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101F bảng dữ liệu(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9101F Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
33
Version: DM9101-DS-F03
July 22, 1999
MII-100Base-TX Transmit Timing Diagram
TX_CLK
tTX
h
t2
tTX
S
t1
tTX
pd
tTX
r/f
TXD [0:3],
TX_EN, TX_ER
CRS
100TX+/-
MII-100Base-TX Transmit Timing Parameters
(Half Duplex)
Symbol
Parameter
Min.
Typ1.
Max.
Unit
Conditions
tTX
s
TXD[0:3], TX_EN, TX_ER Setup
To TX_CLK High
11
-
-
ns
tTX
h
TXD[0:3], TX_EN, TX_ER Hold
From TX_CLK High
0-
-
ns
t1
TX_EN Sampled To CRS
Asserted
-4
-
BT
t2
TX_EN Sampled To CRS De-
asserted
-4
-
BT
tTX
pd
TX_EN Sampled To TPO Out (Tx
Latency)
-8
-
BT
tTX
r/f
100TX Driver Rise/Fall Time
3
4
5
ns
90% To 10%, Into
100ohm Differential
1. Typical values are at 25 and are for design aid only; not guaranteed and not subject to production testing.
MII-100Base-TX Receive Timing Diagram
RX_CLK
t2
t1
tTX
pd
RXD [0:3],
RX_DV, RX_ER
CRS
RXI+/-
tRX
S
tRX
h
t4
t3
COL
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com