| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ILSTC25040 bảng dữ liệu(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ILSTC25040 bảng dữ liệu(HTML) 2 Page - C&K Components |
|
2 / 4 page ![]() B B–162 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com LED CHARACTERISTICS ILS Series Integrated LED Tact Switch STYLES TA NEW STANDARD LED COLOR OPTIONS LED Parameter Symbol Condition UNITS RED 10 YELLOW/GREEN 30 BLUE 40 WHITE 50 GREEN 60 Power Dissipation Pd - mW 52 60 120 18 120 Forward Current IF - mA 20 20 30 5 30 Peak Forward Current *1 IFP - mA 100 100 100 100 100 Reverse Voltage VR - V 5 5 5 5 5 Operating Temperature Topr - - -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C Storage Temperature Tstg - - -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C -40˚C to 85˚C Forward Voltage Vf F=5mA V 2.6 max. 2.3 max. 3.2 max. 3.6 max. 3.4 max. Luminouus Intensity Iv F=5mA mcd 140 min. 100 min. 63 min. 94 min. 1000 min. Reverse Current IR F=5mA µA 100 max. - - 1 max. - Peak Wave Length λp F=5mA nm 644 570 460 - 521.5 Dominant Wave Length λd F=5mA nm 620 min. 567-573 465-470 - 515-525 Spectral Line Half-width Δ λ F=5mA nm 20 30 30 - 30 Viewing Angle 2 q1/2 F=5mA deg 35 35 35 35 35 6.1 5.8 0.7 6- 1.1 6.5 6.5±0.3 CIRCUIT DIAGRAM 1 2 3 4 0.5 0.4 5 6 5.7±0.2 4.5 P.C.B LAND DIMENSION 4 3 2 1 5 6 LED 20 Nov 20 |