| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS1025HTR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS1025HTR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 32 page ![]() 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 9.1 Package mechanical data Figure 13. PowerSSO-24 package dimensions [mm] Table 13. PowerSSO-24 mechanical data Dim. [mm] Min. Nom. Max. A 2.15 - 2.47 A2 2.15 - 2.40 a1 0 - 0.075 b 0.33 - 0.51 c 0.23 - 0.32 D 10.10 - 10.50 E 7.4 - 7.6 IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32 Package information DS13780 - Rev 3 page 18/32 |