| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ALC80A331DF500 bảng dữ liệu(PDF) 13 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
ALC80A331DF500 bảng dữ liệu(HTML) 13 Page - Kemet Corporation |
|
13 / 15 page ![]() © KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard A4082_ALC80 • 9/2/2021 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com 13 Snap-In Aluminum Electrolytic Capacitors – ALC80, +105°C Marking KEMET Logo Rated Capacitance, Capacitance Tolerance Rated Voltage (VDC) Polarity Stripe (−) Series, Capacitance Code, Voltage Code Climatic Category Made in the European Union Date of Manufacture, Batch Number Construction Detailed Cross Section Margin Termination Pin (−) Rubber Seal Rubber Seal Insulating Sleeve Aluminum Can Wound Element Tabs Termination Pin Tab Connection to Terminal Aluminum Can Insulating Sleeve Insulating End Disc Termination Pin (+) Paper Spacer Impregnated with Electrolyte (First Layer) Paper Spacer Impregnated with Electrolyte (Third Layer) Anode Aluminum Foil, Etched, Covered with Aluminum Oxide (Fourth Layer) Cathode Aluminum Foil, Etched (Second Layer) Polarity Stripe (−) |