công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MIL bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện 6TPE330MIL
Giải thích chi tiết về linh kiện  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MIL bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  6TPE330MIL Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 4Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 5Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 6Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 7Page - Panasonic Semiconductor 6TPE330MIL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
● Low profile (Height 1.5 mm max.)
● Low ESR (7 mΩ max.)
● Large capacitance (1500 μF max.)
● RoHS compliance, Halogen free
Unit
:mm
R. voltage code
Unit
:V
* Externals of figure are the reference.
g
4.0
A
10
e
2.5
6.3
j
7.3
7.3
4.3
W1±0.1
L±0.3
1.8±0.1
Marking
Dimensions (not to scale)
Within +40 %,
−20 % of the initial value (Except for above model)
Damp heat
(Steady State)
+60
℃, 90 % to 95 % RH, 500 h, No-applied voltage
Within +50 %,
−20 % of the initial value
W±0.2
S±0.2
1.1
Size code
H
1.4±0.1
2.4
D2E
D15E
28-Apr-22
Should a safety concern arise regarding this product, please be sure to contact us immediately.
4.3
1.3
2.4
7.3
4.3
1.3
2.4
7.3
1.3
D4
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
3.8±0.2
2.4
2.8±0.2
D3L
4.3
D3L
D4
6.3 V
2.5 V to 10 V
5.0 V
2.5 V to 10 V
2R5TPE470M (I, F, C, 9, 7), 2R5TPE1000MF, 2R5TPE1500M (F, C))
≦ 1.5 times of the initial limit
≦ 3 times of the initial limit
Dissipation factor(tan δ)
Leakage current
150 μF to 680 μF
330 μF to 1500 μF
Rated temp, +85
℃ Products : +85 ℃ 1000 h, rated voltage applied
470 μF
68 μF to 470 μF
Please see the attached characteristics list
Please see the attached characteristics list
Capacitance change
Surge voltage (V)
Rated voltage × 1.15
(6TPE330MAP, 6TPE470MAZU : +85
℃ 2000 h, rated voltage applied)
–55
℃ to +105 ℃
Specifications
Features
Conductive Polymer Tantalum
Solid Capacitors
Surface Mount Type
TPE series
D size
Size code
Rated volt. range
Category temp. range
Category volt. range
D15E
D2E
Capacitance tolerance
Rated cap. range
Dissipation factor(tan δ)
Leakage current
±20 % (120 Hz / +20
℃)
(2R5TPE220M (I, F, 9), 2R5TPE330M (I, F, C, 9, 7),
Endurance
Dissipation factor(tan δ)
Leakage current
+105
℃ 2000 h rated voltage applied
≦ 1.5 times of the initial limit
Within the initial limit
Capacitance change
Within ±20 % of the initial value
Rated capacitance (μF)
Rated voltage code
L
Polarity marking (+)
Lot No.
S
S
W1
Some part numbers are not a recommended product.
Not recommended for new design.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com