công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC2018 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện MPC2018
Giải thích chi tiết về linh kiện  MAGIGOO® - Polycarbonate, is an all-in-one 3D printing adhesive that offers sure adhesion with easy release for polycarbonate based filaments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MPC2018 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  MPC2018 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC2018 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC2018 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC2018 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


To find the best temperature one could start from the lower end of the
recommended settings and increase the bed temperature in 5 °C increments.
This should be done with standardised calibration prints.
An additional benefit of MAGIGOO® - Polycarbonate, being thermally
activated, is that it will release the print upon cooling. Again, different printers,
print surfaces or filaments will have slightly different released conditions but
as a general rule a reduction in temperature of 30-40 °C will be sufficient to
remove your prints without any effort.
The best and most reliable performance is achieved when applied as a thin
layer. This means that cleaning and re-applying between prints is
recommended especially on longer prints or hard to
print with materials.
Storage and Handling:
MAGIGOO® - Polycarbonate, should be stored in a cool dry place away from
direct sunlight. After use MAGIGOO® - Polycarbonate should be stored in an
upright position and with the cap on.
Excess MAGIGOO® - Polycarbonate on the nib can cause the applicator
adhering to the cap. To prevent this, make sure no excess MAGIGOO® -
Polycarbonate remains on the rim of the applicator after use. If not capped
the MAGIGOO® - Polycarbonate applicator will dry up. In such a case just rinse
with water.
3
Press to get adhesive flow
info@magigoo.com
www.magigoo.com
MAGIGOO
Thought3D Ltd, Unit2150, KBIC, Kordin Industrial Estate
Paola, PLA3000, Malta
2



Html Pages

1 2 3 4